PART |
Description |
Maker |
308A |
Commercial Discrete Wirewound Resistors
|
Vishay
|
2SJ327 2SJ327-Z 2SJ327-Z-T1 2SJ327-Z-E2 2SJ327-Z-T |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0620-4 00; No. of Positions: 6; Connector Type: Panel SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE P-channel enhancement type
|
NEC Corp. NEC[NEC]
|
2SJ220 2SJ220L 2SJ220S |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0519-0 01; No. of Positions: 8; Connector Type: Board SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
|
Hitachi,Ltd. Hitachi Semiconductor
|
IXTA75N10P IXTP75N10P IXTQ75N10P |
Discrete MOSFETs: Standard N-channel Types N-Channel Enhancement Mode
|
IXYS[IXYS Corporation]
|
IXTK100N25P IXTQ100N25P IXTT100N25P |
Discrete MOSFETs: Standard N-channel Types PolarHT Power MOSFET N-Channel Enhancement Mode
|
IXYS Corporation
|
HI-8423PTIF HI-8420 HI-8420PSTF |
6-Channel / 8-Channel Discrete-to-Digital Interface
|
Holt Integrated Circuits Holt Integrated Circuit...
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
HI-8422PQIF HI-8422_06 HI-8422PQI HI-8422PQT HI-84 |
16-Channel Discrete-to-Digital Interface
|
HOLTIC[Holt Integrated Circuits]
|
IXTT140N10P |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
TSM75N75CZ |
Discrete Devices-MOSFET-Single N-Channel
|
Taiwan Semiconductor
|
TSM40N03PQ56 |
Discrete Devices-MOSFET-Single N-Channel
|
Taiwan Semiconductor
|